Part Number Hot Search : 
93LC46SN SIRA04DP LX550305 IRF7104 2AXTA RG4BC UPD65646 AD9803
Product Description
Full Text Search
 

To Download CAT24C00YE-18 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 cat24c00 128 bit serial eeprom * catalyst semiconductor is licensed by philips corporation to carry the i 2 c bus protocol. pin configuration block diagram pin functions pin name function sda serial data/address scl serial clock nc no connect v cc +1.8v to +5.5v power supply v ss ground dip package (p, l) soic package (j, w) features  400 khz i 2 c bus compatible*  1.8 to 5.5 volt operation  low power cmos technology  self-timed write cycle with auto-clear  1,000,000 program/erase cycles  100 year data retention  8-pin dip, 8-pin soic, 8 pin tssop or sot-23  industrial, automotive and extended temperature ranges description the cat24c00 is a 128 bit serial cmos eeprom internally organized as 16 words of 8 bits each. catalysts advanced cmos technology substantially reduces device power requirements. the device operates via the i 2 c bus serial interface and is available in 8-pin dip, 8- pin soic, 8-pin tssop and 5-pin sot-23. ? 2003 by catalyst semiconductor, inc. characteristics subject to change without notice tssop package (u, y) doc. no. 1027, rev. g sot-23 (tp, tb) preliminary information 1 2 3 4 8 7 6 5 1 2 3 4 8 7 6 5 nc nc nc v ss v cc nc scl sda nc nc nc v ss v cc nc scl sda 8 7 6 5 1 2 3 4 nc nc nc v ss v cc nc scl sda d out ack sense amps shift registers control logic word address buffers start/stop logic state counters e 2 prom v cc external load column decoders xdec data in storage high voltage/ timing control v ss scl sda scl v ss sda v cc nc 1 2 3 5 4 h a l o g e n f r e e tm l e a d f r e e
cat24c00 2 doc. no. 1027, rev. g capacitance t a = 25 c, f = 1.0 mhz, v cc = 5v symbol parameter test conditions min typ max units c i/o (3) input/output capacitance (sda) v i/o = 0v 8 pf c in (3) input capacitance (scl) v in = 0v 6 pf d.c. operating characteristics v cc = +1.8v to +5.5v, unless otherwise specified. symbol parameter test conditions min typ max units i cc power supply current f scl = 100 khz 3 ma i sb (5) standby current (v cc = 5.0v) v in = gnd or v cc 0 a i li input leakage current v in = gnd to v cc 10 a i lo output leakage current v out = gnd to v cc 10 a v il input low voltage C 1v cc x 0.3 v v ih input high voltage v cc x 0.7 v cc + 0.5 v v ol1 output low voltage (v cc = 3.0v) i ol = 3 ma 0.4 v v ol2 output low voltage (v cc = 1.8v) i ol = 1.5 ma 0.5 v reliability characteristics symbol parameter reference test method min typ max units n end (3) endurance mil-std-883, test method 1033 1,000,000 cycles/byte t dr (3) data retention mil-std-883, test method 1008 100 years v zap (3) esd susceptibility mil-std-883, test method 3015 2000 volts i lth (3)(4) latch-up jedec standard 17 100 ma absolute maximum ratings* temperature under bias ................. C 55 c to +125 c storage temperature ....................... C 65 c to +150 c voltage on any pin with respect to ground (1) ........... C 2.0v to +v cc + 2.0v v cc with respect to ground ............... C 2.0v to +7.0v package power dissipation capability (t a = 25 c) ................................... 1.0w lead soldering temperature (10 secs) ............ 300 c output short circuit current (2) ........................ 100ma *comment stresses above those listed under absolute maximum ratings may cause permanent damage to the device. these are stress ratings only, and functional operation of the device at these or any other conditions outside of those listed in the operational sections of this specification is not implied. exposure to any absolute maximum rating for extended periods may affect device performance and reliability. note: (1) the minimum dc input voltage is C 0.5v. during transitions, inputs may undershoot to C 2.0v for periods of less than 20 ns. maximum dc voltage on output pins is v cc +0.5v, which may overshoot to v cc + 2.0v for periods of less than 20ns. (2) output shorted for no more than one second. no more than one output shorted at a time. (3) this parameter is tested initially and after a design or process change that affects the parameter. (4) latch-up protection is provided for stresses up to 100 ma on address and data pins from C 1v to v cc +1v. (5) standby current (i sb ) = 0 a (<900na).
cat24c00 3 doc. no. 1027, rev. g write cycle limits symbol parameter min typ max units t wr write cycle time 5 ms a.c. characteristics v cc = +1.8v to +5.5v, unless otherwise specified. read & write cycle limits symbol parameter 1.8v-5.5v, 2.5v-5.5v 4.5v-5.5v min max min max units f scl clock frequency 100 400 khz t i (1) noise suppression time 100 100 ns constant at scl, sda inputs t aa scl low to sda data out 3.5 1 s and ack out t buf (1) time the bus must be free before 4.7 1.2 s a new transmission can start t hd:sta start condition hold time 4 0.6 s t low clock low period 4.7 1.2 s t high clock high period 4 0.6 s t su:sta start condition setup time 4.7 0.6 s (for a repeated start condition) t hd:dat data in hold time 0 0 ns t su:dat data in setup time 50 50 ns t r (1) sda and scl rise time 1 0.3 s t f (1) sda and scl fall time 300 300 ns t su:sto stop condition setup time 4 0.6 s t dh data out hold time 100 100 ns note: (1) this parameter is tested initially and after a design or process change that affects the parameter. (2) t pur and t puw are the delays required from the time v cc is stable until the specified operation can be initiated. the write cycle time is the time from a valid stop condition of a write sequence to the end of the internal program/erase cycle. during the write cycle, the bus interface circuits are disabled, sda is allowed to remain high, and the device does not respond to its slave address. power-up timing (1)(2) symbol parameter min typ max units t pur power-up to read operation 1 ms t puw power-up to write operation 1 ms
cat24c00 4 doc. no. 1027, rev. g functional description the cat24c00 supports the i 2 c bus data transmission protocol. this inter-integrated circuit bus protocol defines any device that sends data to the bus to be a transmitter and any device receiving data to be a receiver. data transfer is controlled by the master device which generates the serial clock and all start and stop conditions for bus access. the cat24c00 operates as a slave device. both the master and slave devices can operate as either transmitter or receiver, but the master device controls which mode is activated. pin descriptions scl: serial clock the cat24c00 serial clock input pin is used to clock all data transfers into or out of the device. this is an input pin. sda: serial data/address the cat24c00 bidirectional serial data/address pin is used to transfer data into and out of the device. the sda pin is an open drain output and can be wire-ored with other open drain or open collector outputs. i 2 c bus protocol the following defines the features of the i 2 c bus protocol: (1) data transfer may be initiated only when the bus is not busy. (2) during a data transfer, the data line must remain stable whenever the clock line is high. any changes in the data line while the clock line is high will be interpreted as a start or stop condition. figure 2. write cycle timing figure 1. bus timing figure 3. start/stop timing 5020 fhd f05 5020 fhd f04 5020 fhd f03 t high scl sda in sda out t low t f t low t r t buf t su:sto t su:dat t hd:dat t hd:sta t su:sta t aa t dh t wr stop condition start condition address ack 8th bit byte n scl sda start bit sda stop bit scl
cat24c00 5 doc. no. 1027, rev. g start condition the start condition precedes all commands to the device, and is defined as a high to low transition of sda when scl is high. the cat24c00 monitors the sda and scl lines and will not respond until this condition is met. stop condition a low to high transition of sda when scl is high determines the stop condition. all operations must end with a stop condition. device addressing the bus master begins a transmission by sending a start condition. the master then sends the address of the particular slave device it is requesting. the four most significant bits of the 8-bit slave address are fixed as 1010 for the cat24c00 (see fig. 5). the next three significant bits are "don't care" bits. the last bit of the slave address specifies whether a read or write operation is to be performed. when this bit is set to 1, a read operation is selected, and when set to 0, a write operation is selected. after the master sends a start condition and the slave address byte, the cat24c00 monitors the bus and responds with an acknowledge (on the sda line) when its address matches the transmitted slave address. the cat24c00 then performs a read or write operation depending on the state of the r/ w bit. acknowledge after a successful data transfer, each receiving device is required to generate an acknowledge. the acknowledging device pulls down the sda line during the ninth clock cycle, signaling that it received the 8 bits of data. the cat24c00 responds with an acknowledge after receiving a start condition and its slave address. if the device has been selected along with a write operation, it responds with an acknowledge after receiving each 8- bit byte. when the cat24c00 is in a read mode it transmits 8 bits of data, releases the sda line, and monitors the line for an acknowledge. once it receives this acknowledge, the cat24c00 will continue to transmit data. if no acknowledge is sent by the master, the device terminates data transmission and waits for a stop condition. write operation byte write in the write mode, the master device sends the start condition and the slave address information (with the r/ w bit set to zero) to the slave device. after the slave generates an acknowledge, the master sends the byte address that is to be written into the address pointer of the cat24c00. after receiving another acknowledge from the slave, the master device transmits the data byte to be written into the addressed memory location. the cat24c00 acknowledges once more and the master generates the stop condition, at which time the device begins its internal programming cycle to nonvolatile memory. while this internal cycle is in progress, the device will not respond to any request from the master device. after a write command, the internal address counter will continue to point to the same address location that was just written. if a stop bit is transmitted to the device at any point in the write sequence before the entire sequence is complete, then the command will abort and no data will be written. if more than eight figure 4. acknowledge timing 5020 fhd f06 acknowledge 1 start scl from master 89 data output from transmitter data output from receiver
cat24c00 6 doc. no. 1027, rev. g bits are transmitted before the stop bit is sent, then the device will clear the previously loaded byte and begin loading the data buffer again. if more than one data byte is transmitted to the device and a stop bit is sent before a full eight bits of data have been transmitted, then the write command will abort and no data will be written. acknowledge polling the disabling of the inputs can be used to take advantage of the typical write cycle time. once the stop condition is issued to indicate the end of the host s write operation, the cat24c00 initiates the internal write cycle. ack polling can be initiated immediately. this involves issuing the start condition followed by the slave address for a write operation. if the cat24c00 is still busy with the write operation, no ack will be returned. if the cat24c00 has completed the write operation, an ack will be returned and the host can then proceed with the next read or write operation. read operations the read operation for the cat24c00 is initiated in the same manner as the write operation with the one exception that the r/ w bit is set to a one. three different read operations are possible: immediate address read, selective read and sequential read. immediate address read the device s address counter contains the address of the last byte accessed, incremented by one. in other words, if the last read or write access was to address n, the read immediately following would access data from address n+1. if n=15, then the counter will 'wrap around' to address 0 and continue to clock out data. figure 5. slave address bits 1 0 1 0 x x x r/w cat24c00 selective read selective read operations allow the master device to select at random any memory location for a read operation. the master device first performs a dummy write operation by sending the start condition, slave address and byte address of the location it wishes to read. after the cat24c00 acknowledges the word address, the master device resends the start condition and the slave address, this time with the r/ w bit is set to one. the cat24c00 then responds with its acknowledge and sends the 8-bit byte requested to end the read operation. the master device does not send an acknowledge but will generate a stop condition. sequential read the sequential read operation can be initiated by either the immediate address read or selective read operations. after the cat24c00 sends initial 8-bit byte requested, the master will respond with an acknowledge which tells the device it requires more data. the cat24c00 will continue to output an 8-bit byte for each acknowledge sent by the master. the operation is terminated when the master fails to respond with an acknowledge, thus sending the stop condition. the data being transmitted from the cat24c00 is outputted sequentially with data from address n followed by data from address n+1. the read operation address counter increments all of the cat24c00 address bits so that the entire memory array can be read during one operation. if more than 16 bytes are read out, the counter will wrap around and continue to clock out data bytes.
cat24c00 7 doc. no. 1027, rev. g figure 6. byte write timing byte address slave address s a c k a c k data a c k s t o p p bus activity: master sda line s t a r t figure 7. immediate address read timing figure 9. sequential read timing figure 8. selective read timing bus activity: master sda line data n+x data n a c k a c k data n+1 a c k s t o p n o a c k data n+2 a c k p slave address slave address s a c k n o a c k s t o p p bus activity: master sda line s t a r t byte address (n) s a c k data n slave address a c k s t a r t scl sda 89 8th bit data out no ack stop sda line s bus activity: master s t a r t slave address data a c k s t o p p n o a c k
cat24c00 8 doc. no. 1027, rev. g copyrights, trademarks and patents trademarks and registered trademarks of catalyst semiconductor include each of the following: dpp ae 2 catalyst semiconductor has been issued u.s. and foreign patents and has patent applications pending that protect its products. for a complete list of patents issued to catalyst semiconductor contact the companys corporate office at 408.542.1000. catalyst semiconductor makes no warranty, representation or guarantee, express or implied, regarding the suitability of its products for any particular purpose, nor that the use of its products will not infringe its intellectual property rights or the rights of third parties with respect to any particular use or application and specifically disclaims any and all liability aris ing out of any such use or application, including but not limited to, consequential or incidental damages. catalyst semiconductor products are not designed, intended, or authorized for use as components in systems intended for surgica l implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the catalyst semic onductor product could create a situation where personal injury or death may occur. catalyst semiconductor reserves the right to make changes to or discontinue any product or service described herein without not ice. products with data sheets labeled "advance information" or "preliminary" and other products described herein may not be in production or offered for sale . catalyst semiconductor advises customers to obtain the current version of the relevant product information before placing order s. circuit diagrams illustrate typical semiconductor applications and may not be complete. notes: (1) the device used in the above example is a cat24c00ji-1.8te13 (soic, industrial temperature, 1.8 volt to 6 volt operating voltage, tape & reel) ordering information catalyst semiconductor, inc. corporate headquarters 1250 borregas avenue sunnyvale, ca 94089 phone: 408.542.1000 fax: 408.542.1200 www.catalyst-semiconductor.com publication #: 1027 revison: g issue date: 8/8/03 type: preliminary prefix device # suffix 24c00 j i te13 product number 24c00: 128 bit tape & reel te13: 2000/reel package p: pdip j : soic (jedec) u: tssop operating voltage blank: 2.5v - 6.0v 1.8: 1.8v - 6.0v -1.8 cat temperature range i = industrial (-40 to 85 c) a = automotive (-40 to 105 c) optional company id tp: sot23 l : pdip (lead free, halogen free) tb: sot23 (lead free, halogen free) w: soic (lead free, halogen free) y: tssop (lead free, halogen free) e = extended (-40 to 125 c)


▲Up To Search▲   

 
Price & Availability of CAT24C00YE-18

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X